Part Number Hot Search : 
04C12 PIC30F MA26V09 D4812 RT9237 P1200A07 MEMCMDQ3 12508BR
Product Description
Full Text Search
 

To Download SRR0906-122YL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features
Available in E6 series High inductance up to 10 mH Low 6.0 mm profile Gull wing leads RoHS compliant*
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
*R
oH
S
CO
M
NT
SRR0906 Series - SMD Shielded Power Inductors
Electrical Specifications
Inductance 1kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) RDC () I rms Max. (A) I sat Typ. (A)
SRR0906-2R7ML SRR0906-3R5ML SRR0906-4R7ML SRR0906-5R6ML SRR0906-6R8ML SRR0906-8R2ML SRR0906-100ML SRR0906-120ML SRR0906-150ML SRR0906-180ML SRR0906-220ML SRR0906-270ML SRR0906-330ML SRR0906-390ML SRR0906-470ML SRR0906-560ML SRR0906-680ML SRR0906-820ML SRR0906-101YL SRR0906-121YL SRR0906-151YL SRR0906-181YL SRR0906-221YL SRR0906-271YL SRR0906-331YL SRR0906-391YL SRR0906-471YL SRR0906-561YL SRR0906-681YL SRR0906-821YL SRR0906-102YL SRR0906-122YL SRR0906-152YL SRR0906-182YL SRR0906-222YL SRR0906-272YL SRR0906-332YL SRR0906-392YL SRR0906-472YL SRR0906-562YL SRR0906-682YL SRR0906-822YL SRR0906-103YL
2.7 3.5 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15
23 23 23 23 23 23 35 35 35 35 35 35 35 35 35 35 40 40 40 40 40 40 40 40 40 40 40 60 60 85 100 100 100 100 100 100 100 100 100 100 100 100 100
7.96M 7.96M 7.96M 7.96M 7.96M 7.96M 2.52M 2.52M 2.52M 2.52M 2.52M 2.52M 2.52M 2.52M 2.52M 2.52M 2.52M 2.52M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.796M 0.252M 0.252M 0.252M 0.252M 0.252M 0.252M 0.252M 0.252M 0.252M 0.252M 0.252M 0.252M 0.0796M
85.0 80.0 40.0 57.0 38.0 30.0 29.0 26.0 23.0 22.0 19.0 17.0 15.0 14.0 12.0 12.0 9.0 8.0 7.5 7.0 6.0 5.5 5.0 5.0 4.5 4.2 4.0 3.2 2.7 2.6 2.3 2.3 2.0 1.7 1.5 1.4 1.3 1.2 1.0 0.9 0.9 0.8 0.7
0.032 0.036 0.040 0.046 0.050 0.055 0.080 0.085 0.100 0.110 0.130 0.140 0.150 0.160 0.180 0.300 0.350 0.370 0.420 0.480 0.550 0.820 1.000 1.100 1.300 1.400 1.600 2.700 3.200 3.500 4.000 4.400 5.200 7.000 8.500 9.200 11.000 16.000 19.000 21.000 24.000 31.000 38.000
3.20 2.90 2.70 2.50 2.30 2.10 1.80 1.70 1.60 1.50 1.40 1.30 1.20 1.10 1.00 0.93 0.85 0.78 0.70 0.65 0.60 0.52 0.48 0.44 0.40 0.38 0.35 0.28 0.25 0.23 0.22 0.20 0.18 0.17 0.16 0.14 0.12 0.11 0.10 0.09 0.09 0.08 0.07
5.80 5.20 4.30 4.20 3.40 3.20 2.70 2.60 2.40 2.00 1.90 1.80 1.60 1.40 1.30 1.20 1.00 0.90 0.90 0.75 0.70 0.70 0.60 0.55 0.51 0.50 0.40 0.35 0.33 0.30 0.26 0.24 0.22 0.20 0.18 0.17 0.15 0.13 0.11 0.11 0.10 0.09 0.08
General Specifications Test Voltage........................................1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core.....................Ferrite DR and RI core Wire .............................Enameled copper Base..................................................LCP Terminal ....................................Cu/Ni/Sn Adhesive ..............................Epoxy resin Rated Current .Ind. drop 10 % typ. at Isat Temperature Rise .........................40 C max. at rated Irms Packaging.....................600 pcs. per reel Product Dimensions
START 1 8
MARKING (PIN 1 SIDE) FINISH 4
101
5
10.5 (.413)
9.5 0.3 (.374 .012) 12.5 0.5 (.492 .020)
6.0 0.3 (.236 .012) 11.0 0.5 (.433 .020) 2.5 0.3 (.098 .012)
2.5 0.3 0.7 0.1 (.028 .004) (.098 .012)
3.0 (.118)
2.5 0.3 (.098 .012)
Recommended Layout
2.2 (.087) 10.3 (.406) 2.2 (.087) 2.5 (.098)
Multiple windings possible (up to four windings).
Electrical Schematic
1 4
1.0 (.039)
DIMENSIONS:
MM (INCHES)
14.7 (.578)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SRR0906 Series - Shielded Power Inductors
Packaging Specifications
330 DIA. (12.99) 2.0 0.5 (.079 .020) 22.4 (.882) 13.0 0.5 (.512 .020) DIA. 50.0 (1.969) 13.0 0.5 DIA. (.512 .020) 18 (.709) THICKNESS 0.10 (.004) MAX. EMBOSSED CAVITY
21 .8 (.827 .031)
EMBOSSED CARRIER
DIMENSIONS:
MM (INCHES)
END
4 (.157)
START
24 (.945)
6.85 (.27)
16 (.63)
NO COMPONENT COMPONENTS NO COMPONENT
200 (7.874)
9600 (378.2)
400 (15.748)
USER DIRECTION OF FEED
QTY: 600 PCS. PER REEL
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SRR0906-122YL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X